PART |
Description |
Maker |
EPM9320ARI208-10 |
MAX 9000 Programmable Logic Device (PLD) Family; 11/4/2008; MAX II CPLDs
|
Altera Corporation
|
EPM706B4 EPM706B4S EPM7192E EPM7160S EPM7192S EPM7 |
IC MAX 7000 CPLD 128 84-PLCC PROGRAMMABLE LOGIC DEVICE FAMILY
|
ALTERA[Altera Corporation]
|
EP2C5Q208C8N EP2C15AF484C7N EP2C5F256I8N EP2C50 EP |
Section I. Cyclone II Device Family Data Sheet Section I. Cyclone II Device Family Data Sheet
|
Altera Corporation
|
EP3C120F484C7 EP3C5E144C6ES EP3C16E144C6ES EP3C25E |
Cyclone III Device Handbook This section provides a complete overview of all features relating to the Cyclone III device family Chapter Revision Dates Cyclone III Device Family Overview Cyclone III Device Family Overview
|
Altera Corporation
|
HI-8785 HI-8785PSI HI-8785PST HI-8783 HI-8783PDI H |
8 Bit Parallel data converted to 429 and 561 serial data out ARINC INTERFACE DEVICE 8-BIT PARALLEL DATA CONVERTED 429&561 SERIAL DATA OUT 384 MCELL 3 VOLT ZERO POWER ISP CPLD - NOT RECOMMENDED for NEW DESIGN ARINC INTERFACE DEVICE 8-BIT PARALLEL DATA CONVERTED 429&561 SERIAL DATA OUT 1 CHANNEL(S), SERIAL COMM CONTROLLER, PDSO20 ARINC INTERFACE DEVICE 8-BIT PARALLEL DATA CONVERTED 429&561 SERIAL DATA OUT 1 CHANNEL(S), SERIAL COMM CONTROLLER, PDSO24 ARINC INTERFACE DEVICE 8-BIT PARALLEL DATA CONVERTED 429&561 SERIAL DATA OUT 1 CHANNEL(S), SERIAL COMM CONTROLLER, PDIP22 512 MACROCELL 3.3 VOLT ZERO POWER ISP CP - NOT RECOMMENDED for NEW DESIGN ARINC公司接口设备位并行数据转换成429
|
HOLTIC[Holt Integrated Circuits] Holt Integrated Circuits, Inc.
|
HI-878306 |
ARINC INTERFACE DEVICE 8 bit parallel data converted to 429 & 561 serial data out
|
Holt Integrated Circuits
|
RC9624DP RC96V24DP RC2324DPL |
Single Device Data/Fax Modem Data Pump
|
List of Unclassifed Manufacturers
|
LT6234 LT6235 LT6233 LT6233IS6-10 LT6235CGN LT6233 |
60MHz, Rail-to-Rail Output, 1.9nV/rtHz, 1.15mA Op Amp Family 60MHz, Rail-to-Rail Output, 1.9nV / SIGME Hz, 1.15mA Op Amp Family OP-AMP, 700 uV OFFSET-MAX, 375 MHz BAND WIDTH, PDSO6 60MHz, Rail-to-Rail Output, 1.9nV / SIGME Hz, 1.15mA Op Amp Family DUAL OP-AMP, 550 uV OFFSET-MAX, 60 MHz BAND WIDTH, PDSO8 60MHz, Rail-to-Rail Output, 1.9nV / SIGME Hz, 1.15mA Op Amp Family QUAD OP-AMP, 450 uV OFFSET-MAX, 60 MHz BAND WIDTH, PDSO16
|
LINER[Linear Technology] Linear Technology Corporation Linear Technology, Corp.
|
ST6XXX-EMU2 ST6280-EMU2 ST6240B-EMU2 ST6242-P_QFP |
D/A Converter (D-A) IC; Resolution (Bits):24; Update Rate:192kSPS; No. of DACs:6; Data Interface:Serial; Package/Case:48-LQFP; Leaded Process Compatible:No; No. of Bits:24; No. of Channels:6; Operating Temp. Max:85 C RoHS Compliant: Yes CAP MICA 32PF 300V SMD REAL TIME EMULATION DEVELOPMENT TOOLS FOR ST6 MCU FAMILY 实时仿真开发工具,ST6单片机系
|
SGS Thomson Microelectronics STMICROELECTRONICS[STMicroelectronics] 意法半导 STMicroelectronics N.V. http://
|
11LC080-ECS16K 11LC080-EMNY 11LC080-EMS 11LC080-EP |
1K-16K UNI/O Serial EEPROM Family Data Sheet 1K-16K UNI/O? Serial EEPROM Family Data Sheet 1K-16K UNI/O庐 Serial EEPROM Family Data Sheet 1K-16K UNI/O垄莽 Serial EEPROM Family Data Sheet
|
Microchip Technology Inc.
|